Part Number Hot Search : 
VP2410L FTW06G LBS15001 MAX6674 MD3221N C847A UCY7401 447LS
Product Description
Full Text Search
 

To Download MM1Z5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m m 1 z 5 2 2 1 b t h r u m m 1 z 5 2 6 8 b 0.5w silicon planar zener diodes fea tures absolute maximum ra tings(limiting v alues) (t a =25 c) electrical characteristics (t a =25 c) t otal power dissipation : max . 500 mw small plastic package suitable for surface mounted design t olerance approximately 5 % zener current see table "characteristics" thermal resistance junction to ambient p d r ? ja mw t stg power dissipation forward voltage at i f =100ma junction temperature storage temperature range symbols symbols v alue t yp max min units units -55 to+150 c c c/w v t j v f 150 0 . 9 500 340 mechanical da t a case : sod-123 plastic case w eight : approx. 0.01 gram thermal resistance junction to lead r ? jl 150 c/w sod-123 dimensions in inches and (millimeters) 2.65 0.05 ( 1 . 6 0 ) ( 0 . 5 5 ) 0.063" 0.022" (3.8 0.1) 0.150" 0.004" (1.10 0.05) 0.043" 0.002" 0.005"(0.135) max 0.104"+0.002 +0.05 -0.05 - +0.05 -0.05 +0.002" -0.002" +0.002" -0.002" ( ( 5 high temperature soldering guaranteed : 260 !/ 10 seconds at terminals xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017 1
2 1 ) v z is tested with pulses tp=20ms . 2 ) nominal zener voltage is measured with device junction in thermal equilibrium at tl = 30c 1oc . 3 ) z zt and z zk are measured by dividing the ac voltage drop across the device by the ac current applied . the specified limits are for i z ( ac ) =0 . 1 i z ( dc ) with ac frequency = 1 kh z . i r at v r dynamic resistance reverse leakage current zener v oltage range 1) 2) t y p e v z nom i zt for v zt r zjt and r zjk at i zk v v ? a ma ma m a r k i n g c o d e v 3) mm1z5 221b mm1z5 222b mm1z5 223b mm1z5 224b mm1z5 225b mm1z5 226b mm1z5 227b mm1z5 228b mm1z5 229b mm1z5 230b mm1z5 231b mm1z5 232b mm1z5 233b mm1z5 234b mm1z5 235b mm1z5 236b mm1z5 237b mm1z5 238b mm1z5 239b mm1z5 240b mm1z5 241b mm1z5 242b mm1z5 243b mm1z5 245b mm1z5 246b mm1z5 247b mm1z5 248b mm1z5 249b mm1z5 250b mm1z5 251b mm1z5 252b mm1z5 253b mm1z5 254b mm1z5 255b mm1z5 256b mm1z5 257b mm1z5 258b mm1z5 259b mm1z5 260b mm1z5 261b mm1z5 262b mm1z5 263b mm1z5 264b mm1z5 265b mm1z5 266b mm1z5 267b mm1z5 268b a4 ab b4 ac c4 d4 e4 f4 h4 j4 k4 m4 ad n4 p4 r4 x4 ae y4 z4 a5 b5 c5 d5 e5 ah f5 k9 h5 j5 k5 m9 m5 aj n5 p5 r5 x5 y5 z5 a6 b6 ak c6 d6 e6 f6 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 8.5 7.8 7.4 7 6.6 6.2 5.6 5.2 5 4.6 4.5 4.2 3.8 3.4 3.2 3 2.7 2.5 2.2 2.1 2 1.8 1.7 1.5 2.28 &2.52 2.38 &2.63 2.57 &2.84 2.66 &2.94 2.85 &3.15 3.14 &3.47 3.42 &3.78 3.71 &4.1 4.09 &4.52 4.47 &4.94 4.85 &5.36 5.32 &5.88 5.7 &6.3 5.89 &6.51 6.46 &7.14 7.13 &7.88 7.79 &8.61 8.27 &9.14 8.65 &9.56 9.5 &10.5 10.45 &11.55 11.4 &12.6 12.35 &13.65 14.25 &15.75 15.2 &16.8 16.15 &17.85 17.1 &18.9 18.05 &19.95 19 &21 20.9 &23.1 22.8 &25.2 23.75 &26.25 25.65 &28.35 26.6 &29.4 28.5 &31.5 31.35 &34.65 34.2 &37.8 37.05 &40.95 40.85 &45.15 44.65 &49.35 48.45 &53.55 53.2 &58.8 57 &63 58.9 &65.1 64.6 &71.4 71.25 &78.75 77.9 &86.1 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150 170 185 230 270 330 1,200 1,250 1,300 1,400 1,600 1,600 1,700 1,900 2,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1,000 1,100 1,300 1,400 1,400 1,600 1,700 2,000 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8 8.4 9.1 9.9 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43 46 47 52 56 62 m m 1 z 5 2 2 1 b t h r u m m 1 z 5 2 6 8 b 0.5w silicon planar zener diodes xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017
3 m m 1 z 5 2 2 1 b t h r u m m 1 z 5 2 6 8 b 0.5w silicon planar zener diodes xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017
4 0 1 0 2 0 3 0 4 0 5 0 6 0 7 0 8 0 9 0 0 . 0 0 0 0 1 0 . 0 0 0 1 0 . 0 0 1 0 . 0 1 0 . 1 1 1 0 1 0 0 1 0 0 0 f i g u r e 8 . ty p i c a l l e a k a g e c u r r e n t v z , n o m i n a l z e n e r v o l t a g e ( v ) i r , l e a k a g e c u r r e n t ( ? a ) + 1 5 0 o c + 2 5 o c - 5 5 o c 1 1 0 1 0 0 1 1 0 1 0 0 1 0 0 0 v z , n o m i n a l z e n e r v o l t a g e ( v ) f i g u r e 7 . ty p i c a l c a p a c i t a n c e c , c a p a c i t a n c e ( p f ) i z , z e n e r c u r r e n t ( m a ) i z , z e n e r c u r r e n t ( m a ) f i g u r e 9 . z e n e r vo l t a g e v e r s u s z e n e r c u r r e n t ( v z u p t o 1 2 v ) v z , z e n e r v o l t a g e ( v ) v z , z e n e r v o l t a g e ( v ) f i g u r e 1 0 . z e n e r vo l t a g e v e r s u s z e n e r c u r r e n t 1 0 3 0 5 0 7 0 9 0 0 . 0 1 0 . 1 1 1 0 1 0 0 0 . 0 1 0 . 1 1 1 0 1 0 0 2 0 4 6 8 1 0 1 2 t a = 2 5 c t a = 2 5 c m m 1 z 5 2 2 1 b t h r u m m 1 z 5 2 6 8 b 0.5w silicon planar zener diodes xinghe electronics e?o?? gaomi xinghe electronicsco.,ltd. www.sddzg.com tel:0536-2210359 qq:464768017


▲Up To Search▲   

 
Price & Availability of MM1Z5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X